Part Number Hot Search : 
D75312GF PBH14022 X27C1 NQ03LT ST2SC 1602C L6228D BD139
Product Description
Full Text Search
 

To Download P6KE200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
P6KE6.8 THRU P6KE440CA
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE RANGE - 6.8 to 440 Volts PEAK PULSE POWER - 600 Watts
FEATURES
* Glass passivated junction * 600 Watts Peak Pulse Power capability on
10/1000 s waveform * Excellent clamping capability * Low zener impedance * Fast response time
DO-15
MECHANICAL DATA
Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Color band denotes positive end (cathode) except bidirectional types * Mounting position: Any * Weight: 0.4 gram * * * *
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load, For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. P6KE6.8C, P6KE440CA) Electrical characteristics apply in both directions
SYMBOL Peak Pulse Power Dissipation on 10/1000 s waverform (Note1,FIG.1) Steady State Power Dissipation at TL = 75oC Lead Lengths .375*( 9.5 mm ) ( Note 2 ) Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load( JEDEC Method ) ( Note 3 ) Maximum Instantaneous Forward Voltage at 50A for Unidirectional Only Operating and Storage Temperature Range VF TJ, TSTG 3.5/6.5 -65 to + 175 Volts
0
VALUE Minimum 600
UNITS Watts
PPPM
PM (AV)
5.0
Watts
IFSM
100
Amps
C
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25oC per Fig.2. 2. Mounted on Copper Leaf area of 1.6 X 1.6"(40X40 mm) per Fig. 5 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum. 4. VF = 3.5V max. for devices of V(BR) 200V and VF = 6.5V for devices of V( BR) > 200V.
172
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
RATING AND CHARACTERISTIC CURVES ( P6KE6.8 THRU P6KE440CA )
DC COMPONENTS CO., LTD.
R
173
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
P6KE (600W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
DC COMPONENTS CO., LTD.
R
174
NEXT EXIT BACK NEXT EXI BACK EXIT NEXT BACK
P6KE (600W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
N O T E S : 1.VBR measured after IT applied for 300 s. IT= Square Wave Pulse or equivalent. 2.For bidirectonal use C or CA suffixs for all types (ex. P6KE6.8C, P6KE440CA). electrical characteristics apply in both directions. 3.For bidirectional types having VWM of 10 volts and less, the ID limit is doubled.
DC COMPONENTS CO., LTD.
R
175
NEXT NEXT NEXT
EXIT BACK BACK EXI BACK EXIT


▲Up To Search▲   

 
Price & Availability of P6KE200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X